Part Number Hot Search : 
B240A SMA59 F2521RW 2SD2627 NTE99 MC34063 B8262 PCF1206X
Product Description
Full Text Search
 

To Download BC856S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type so t -363 unit: mm 1.3 +0.1 -0.1 0.65 0.525 1.25 +0.1 -0.1 0.36 0.1 +0.05 -0.02 0.1max 0.95 +0.05 -0.05 2.3 +0.15 -0.15 0.3 +0.1 -0.1 2.1 +0.1 -0.1 1e1 2b1 3c2 4e2 5b2 6c1 kc856s (BC856S) features two transistors in one package reduces number of components and board space no mutual interference between the transistors. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -65 v emitter-base voltage v ebo -5 v collector current - continuous i c -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient r ja 416 /w operating and storage junction temperature range t j ,t stg -65 to +150 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit v cb =- 30 v, i e =0 -15 na v cb =- 30 v, i e =0,t a =150 -5.0 a emitter- cutoff current i ebo i c =0,v eb =-5v -100 na dc current gain h fe i c =-2.0ma,v ce =-5.0v 110 i c =-10ma,i b =- 0.5 ma -100 mv i c =-100ma,i b =- 5.0 ma -300 mv base-emitter saturation voltage v be(sat) i c =-10ma,i b =-0.5ma 700 m v output capacitance c ob v cb = -10 v, f = 1.0 mhz 2.5 pf transistion frequency f t i c =-10ma,v ce = -5.0v,f = 100 mhz 100 mhz i cbo collector-cutoff current v ce(sat) collector-emitter saturation voltage marking marking 5f sales@twtysemi.com 1 of 1 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of BC856S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X